Part Number Hot Search : 
UZ5113 HZ11H HZ11H HZ11H AN1266 10013 LA9703W BR2510M
Product Description
Full Text Search
 

To Download MMBD4448HTM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4448HTM
SURFACE MOUNT FAST SWITCHING DIODE ARRAY Features
NEW PRODUCT
* * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance
SOT-26
A
Dim A B
BC
Min 0.35 1.50 2.70 3/4 3/4 2.90 1.00 0.35 0.10
Max 0.50 1.70 3.00 3/4 3/4 3.10 1.30 0.55 0.20
Typ 0.38 1.60 2.80 0.95 0.55 3.00 0.05 1.10 0.40 0.15
C D F
Mechanical Data
* * * * * * Case: SOT-26, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Terminals: Solderable per MIL-STD-202, Method 208 Orientation: See Diagram Marking: KAD Weight: 0.016 grams (approx.)
H K M
H J K L M
0.013 0.10
J
D
F
L
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 80 57 500 250 4.0 2.0 225 555 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Forward Voltage (Note 2) Symbol VFM Min 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 0.72 0.855 1.0 1.25 100 50 30 25 3.5 4.0 Unit Test Condition IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 70V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 6, f = 1.0MHz VR = 6V, IF = 5mA
V
Peak Reverse Current (Note 2) Junction Capacitance Reverse Recovery Time
IRM Cj trr
nA mA mA nA pF ns
Notes: 1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30302 Rev. A-2
1 of 2
MMBD4448HTM
NEW PRODUCT
Ordering Information
Device
(Note 3) Packaging SOT-26 Shipping 3000/Tape & Reel
MMBD4448HTM-7
Notes: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAD
KAD = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4 May 5 2001 M Jun 6 Jul 7 2002 N Aug 8 Sep 9 2003 O Oct O Nov N 2004 P Dec D
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
YM
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
0.1
10
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
DS30302 Rev. A-2
2 of 2
MMBD4448HTM


▲Up To Search▲   

 
Price & Availability of MMBD4448HTM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X